Part Number Hot Search : 
BP60160 CS5394 AM29L D1121 CAT512 ANTX2N6 20N681K LTC1344I
Product Description
Full Text Search
 

To Download LPS6235-183ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors C lps6235 document 587-1 document 587-1 revised 12/01/11 dcr srf isat (a) 5 irms (a) 6 inductance 2 max 3 typ 4 10% 20% 30% 20c 40c part number 1 20% (h) (ohms) (mhz) drop drop drop rise rise lps6235-682ml_ 6.8 0.075 55 2.6 2.7 2.8 1.30 1.90 lps6235-822ml_ 8.2 0.095 48 2.5 2.6 2.7 1.30 1.85 lps6235-103ml_ 10.0 0.100 37 2.3 2.4 2.5 1.28 1.80 lps6235-123ml_ 12.0 0.110 29 1.9 2.2 2.3 1.25 1.75 lps6235-153ml_ 15.0 0.125 25 1.9 2.0 2.0 1.22 1.70 LPS6235-183ML_ 18.0 0.140 24 1.7 1.8 1.9 1.20 1.65 lps6235-223ml_ 22.0 0.145 24 1.6 1.7 1.7 1.10 1.60 lps6235-333ml_ 33.0 0.180 16 1.3 1.4 1.5 1.00 1.30 lps6235-473ml_ 47.0 0.245 13 1.1 1.2 1.2 0.80 1.15 lps6235-563ml_ 56.0 0.280 12 1.0 1.0 1.1 0.75 1.07 lps6235-683ml_ 68.0 0.345 10.8 0.90 0.94 0.96 0.73 1.00 lps6235-823ml_ 82.0 0.315 10.0 0.46 0.52 0.55 0.72 0.95 lps6235-104ml_ 100.0 0.375 9.0 0.46 0.52 0.54 0.70 0.90 lps6235-124ml_ 120.0 0.435 8.3 0.44 0.48 0.51 0.60 0.80 lps6235-154ml_ 150.0 0.535 7.3 0.37 0.43 0.45 0.53 0.73 lps6235-224ml_ 220.0 0.820 5.6 0.31 0.36 0.37 0.45 0.64 lps6235-334ml_ 330.0 1.20 4.4 0.26 0.29 0.30 0.40 0.50 lps6235-474ml_ 470.0 1.60 3.6 0.22 0.25 0.26 0.32 0.43 lps6235-564ml_ 560.0 2.00 3.1 0.20 0.22 0.23 0.29 0.38 lps6235-684ml_ 680.0 2.20 2.8 0.17 0.19 0.21 0.28 0.37 lps6235-824ml_ 820.0 2.70 2.5 0.16 0.18 0.19 0.26 0.33 lps6235-105ml_ 1000.0 3.40 2.2 0.14 0.17 0.18 0.24 0.30 lps6235-155ml_ 1500.0 4.60 1.9 0.12 0.13 0.14 0.19 0.26 lps6235-185ml_ 1800.0 5.42 1.7 0.11 0.12 0.13 0.18 0.23 lps6235-225ml_ 2200.0 6.70 1.5 0.090 0.11 0.11 0.16 0.22 lps6235-335ml_ 3300.0 9.50 1.1 0.080 0.090 0.10 0.14 0.180 lps6235-475ml_ 4700.0 14.5 0.94 0.070 0.077 0.084 0.11 0.150 lps6235-565ml_ 5600.0 16.4 0.86 0.060 0.070 0.080 0.10 0.130 lps6235-685ml_ 6800.0 21.4 0.80 0.057 0.065 0.069 0.090 0.120 lps6235-825ml_ 8200.0 24.5 0.70 0.052 0.060 0.067 0.085 0.115 lps6235-106ml_ 10000.0 29.5 0.61 0.050 0.055 0.060 0.075 0.095 ? low dcr; high current; shielded construction ? perfect for backlight applications designers kit c345 contains 3 each of all values core material ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs compliant silver-palladium-platinum-glass frit. other terminations available at additional cost. weight 460 C 480 mg ambient temperature C40c to +85c with i rms current, +85c to +125c with derated current storage temperature component: C40c to +125c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 350/7 reel; 1500/13 reel plastic tape: 16 mm wide, 0.3 mm thick, 8 mm pocket spacing, 3.68 mm pocket depth recommended pick and place nozzle od: 6.2 mm; id: 3.1 mm pcb washing only pure water or alcohol recommended 1. please specify termination and packaging codes: lps6235-106mlc termination: l = rohs compliant silver-palladium- platinum-glass frit. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (350 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (1500 parts per full reel). 2. inductance tested at 100 khz, 0.1 vrms, 0 adc using an agilent/hp 4192a. 3. dcr measured on a micro-ohmmeter. 4. srf measured using agilent/hp 8753es or equivalent. 5. dc current that causes the specifed inductance drop from its value without current. 6. current that causes the specifed temperature rise from 25c ambient. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering.
shielded smt power inductors C lps6235 series document 587-2 0.236 0.003 6,00 0,076 0.236 0.003 6,00 0,076 0.138 3,50 max winding direction dash n umber inter nal code xxx x 0.167 4,25 0.167 4,25 0.079 2,00 0.079 2,00 0.260 6,60 0.260 6,60 0.071 1,80 * * dimensions are of the case not including the ter mination. fo r maximum ov erall dimensions including the ter mination, add 0.005 i n/0,13 mm. * recommended land p attern 0.165 4,20 0.165 4,20 0.039 1,00 typ typ 0.039 1,00 ** fo r optional tin-lead and tin-silv er-copper ter minations , dimensions are fo r the mounted par t. dimensions bef ore mounting can be an additional 0.005 inch (0,13 mm). ** inches mm dimensions are in typical l vs current typical l vs frequency 1 10 10000 1000 100 0.01 0.1 11 0 frequency (mhz) inductance (h) 3300 h 10 h 33 h 1000 h 330 h 100 h 1 10 10000 1000 100 0.01 0.1 11 0 current (a) inductance (h) 33 h 330 h 1000 h 3300 h 100 h 10 h typical current derating -40 -20 02 04 06 08 0 100 140 120 a mbient t emperatur e (c) pe r cent of r ated c urrent 120 110 100 90 80 70 60 50 40 30 20 10 0 i sat i rm s 25 c document 587-2 revised 12/01/11


▲Up To Search▲   

 
Price & Availability of LPS6235-183ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X